PART |
Description |
Maker |
MC74LCX652 MC74LCX652DT MC74LCX652DW MC74LCX652SD |
LOW.VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE LVC/LCX/Z SERIES, 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO24 From old datasheet system LOW-VOLTAGE CMOS OCTAL TRANSCEIVER/ REGISTERED TRANSCEIVER WITH DUAL ENABLE
|
MOTOROLA[Motorola, Inc] ONSEMI[ON Semiconductor]
|
IDT74ALVCHR162269A |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER
|
IDT
|
PI74LCX16543A PI74LCX16543 PI74LCX16543V |
Fast CMOS 16-Bit Latched Transceivers LVC/LCX/Z SERIES, DUAL 8-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
Pericom Semiconductor Corporation
|
IDT74LVCH16501A |
3.3V CMOS 18-BIT REGISTERED BUS TRANSCEIVER
|
IDT
|
IDT74LVCH16952A 74LVCH16952A_DS_20836 |
3.3V CMOS 16-BIT REGISTERED TRANSCEIVER From old datasheet system
|
IDT
|
24C64 M24C64 M24C64BN1T M24C64-BN3 M24C64-BN3P M24 |
20-Bit Bus-Interface D-Type Latch With 3-State Outputs 56-SSOP -40 to 85 RECTIFIER SCHOTTKY SINGLE 10A 35V 250A-ifsm 0.6V-vf 1mA-ir TO220AC 50/TUBE RECTIFIER SBR DUAL 40A 60V 280A-ifsm 700mV-vf 0.5mA-ir TO-220AB 50/TUBE 64/32千位串行I?C总线的EEPROM 1-Bit To 2-Bit Address Driver With 3-State Outputs 80-TSSOP -40 to 85 64Kbit32Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一2 KB的EEPROM的国256位每字举办的串行CMOS 16-Bit Transparent D-Type Latch With 3-State Outputs 48-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国256位每字举办的串行CMOS 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM 1-Bit To 4-Bit Address Driver With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行I?C总线的EEPROM Collier 64Kbit2Kbit串行I?C总线的EEPROM The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 3.3-V 20-Bit Flip-Flop With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-SSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 18-Bit To 36-Bit Registered Bus Exchanger With 3-State Outputs 80-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 64Kbit2Kbit串行IC总线的EEPROM ECONOLINE: RSZ/P - 1kVDC FUSE 18-Bit Universal Bus Driver with 3-State Outputs 56-SSOP -40 to 85 12-Bit To 24-Bit Multiplexed Bus Exchanger With 3-State Outputs 56-TSSOP -40 to 85 12-Bit To 24-Bit Registered Bus Exchanger With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 64/32KbitSerialICBusEEPROM 64/32 Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial I2C Bus EEPROM 64Kbit and 32Kbit Serial IC Bus EEPROM 64/32 Kbit Serial IC Bus EEPROM 64Kbit and 32Kbit Serial I?C Bus EEPROM 64/32 Kbit Serial I?C Bus EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IDT74LVCH32501A IDT74LVCH32501ABF IDT74LVCH32501AB |
3.3V CMOS 36-Bit Registered Transceiver with 5.0V Tolerant I/O, and Bus-Hold 3.3V CMOS 36-BIT REGISTERED TRANSCEIVER WITH 5V TOLERANT I/O, AND BUS-HOLD
|
IDT
|
IDT74ALVCH16270 74ALVCH16270_DS_14073 IDT74ALVCH16 |
3.3V CMOS 12-BIT TO 24-BIT REGISTERED BUS EXCHANGER WITH 3-STATE OUTPUTS AND BUS-HOLD From old datasheet system
|
IDT Integrated Device Technology
|
FB2031BB CD3206BB |
9-bit latched/registered/pass-thru Futurebus transceiver FB SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQFP52
|
NXP Semiconductors N.V.
|
IDT74ALVCHR162269APA8 IDT74ALVCHR162269APV IDT74AL |
3.3V CMOS 12-Bit to 24-Bit Registered Bus Exchanger with 3-State Outputs and Bus-Hold
|
IDT
|